Part Number Hot Search : 
GR501 034N03L 02M0R 3PMT64A TPCS8101 GP2A18F UTR4405 ELM408
Product Description
Full Text Search
 

To Download EIC1415-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC1415-3
UPDATED 11/22/2004
14.40 - 15.35GHz 3-Watt Internally Matched Power FET
.060 MIN.
FEATURES
* * * * * * * * 14.40-15.35 GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +34.5 dBm Output Power at 1dB Compression 6.0 dB Power Gain at 1dB Compression 25% Power Added Efficiency -42 dBc IM3 at Po = 23.5 dBm SCL Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
Excelics
EIC1415-3
GATE DRAIN .060 MIN.
.650.008 .512
.319 .022
YM SN
.094 .382
.045 .004
.070 .008
.129
ALL DIMENSIONS IN INCHES
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB
IM3
Caution! ESD sensitive device. MIN 33.5 5.0 TYP 34.5 6.0 0.6 25 900 -38 -42* 1400 -2.5 8.0 1800 -4.0 9.0
o
PARAMETERS/TEST CONDITIONS1 Output Power at 1dB Compression f = 14.40-15.35GHz VDS = 10 V, IDSQ 800mA Gain at 1dB Compression f = 14.40-15.35GHz VDS = 10 V, IDSQ 800mA Gain Flatness f = 14.40-15.35GHz VDS = 10 V, IDSQ 800mA Power Added Efficiency at 1dB Compression VDS = 10 V, IDSQ 800mA f = 14.40-15.35GHz Drain Current at 1dB Compression f = 14.40-15.35GHz
Output 3rd Order Intermodulation Distortion 2 f = 10 MHz 2-Tone Test; Pout = 23.5 dBm S.C.L VDS = 10 V, IDSQ 65% IDSS f = 15.35GHz
MAX
UNITS dBm dB dB %
1100
mA dBc mA V C/W
IDSS VP RTH
Notes: 1. *
Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 15 mA
Tested with 100 Ohm gate resistor. 2. S.C.L. = Single Carrier Level. 3. Overall Rth depends on case mounting. These devices are available screened for IM3 performance. Please contact factory with your requirement.
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION1,2
SYMBOL VDS VGS IDS IGSF PIN PT TCH TSTG CHARACTERISTIC Drain to Source Voltage Gate to Source Voltage Drain Current Forward Gate Current Input Power Total Power Dissipation Channel Temperature Storage Temperature VALUE 10 V -4.5 V IDSS 30 mA @ 3dB compression 14 W 150C -65/+150C
Notes: 1. Operating the device beyond any of the above ratings may result in permanent damage or reduction of MTTF. 2. Bias conditions must also satisfy the following equation PT < (TCH -TPKG)/RTH; where TPKG = temperature of package, and PT = (VDS * IDS) - (POUT - PIN).
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 1 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised December 2004


▲Up To Search▲   

 
Price & Availability of EIC1415-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X